Part Number Hot Search : 
CZRW5235 TA7815 144936 LF441C GRM219 BC1602K1 GRM219 UPC554
Product Description
Full Text Search
 

To Download TS111707 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TS1117
1A Low Dropout Positive Voltage Regulator
TO-220 TO-263 TO-252 SOT-223
Pin Definition: 1. Fixed / Adj 2. Output 3. Input Pin 2 connect to heat sink
General Description
The TS1117 Series are high performance positive voltage regulators are designed for use in applications requiring low dropout performance at full rated current, Additionally, the TS1117 Series provides excellent regulation over variations due to changes in line, load and temperature. Outstanding features include low dropout performance at rated current, fast transient response, internal current limiting and thermal shutdown protection of the output device. The TS1117 Series are three terminal regulators with fixed and adjustable voltage options available in popular packages.
Features
Low Dropout Performance 1.5V max. Fill Current Rating Over Line and Temperature Fast Transient Response 2% Total Output Regulation Over Line, Load and Temperature Adjust Pin Current max 90uA Over Temperature Line Regulation Typical 0.015% Load Regulation Typical 0.05% Fixed / Adjustable Output Voltage TO-220, TO-263, TO-252 and SOT-223 Package
Ordering Information
Part No. Package Packing
TS1117CZxx C0 TO-220 50pcs / Tube TS1117CMxx RN TO-263 800pcs / 13" Reel TS1117CPxx RO TO-252 2.5Kpcs / 13" Reel TS1117CWxx RP SOT-223 2.5Kpcs / 13" Reel Note: Where xx denotes voltage option, available are 5.0V, 3.3V, 2.5V,1.8V and 1.5V. Leave blank for adjustable version. Contact factory for additional voltage options.
Block Diagram
Typical Application Circuit
Fixed Output Voltage Version
VOUT = VREF(1+R2/R1) + Iadj R2 Adjustable Output Voltage Version 1/9 Version: A07
TS1117
1A Low Dropout Positive Voltage Regulator
Absolute Maximum Rating (Note 1)
Parameter
Input Supply Voltage Operation Input Supply Voltage Power Dissipation (Note 2) TO-220 Thermal Resistance Junction to Ambient Operating Junction Temperature Range Storage Temperature Range Lead Soldering Temperature (260 C)
o
Symbol
VIN VIN (Opr. Typ.) PD TO-263 TO-252 SOT-223 TJ TSTG TO-220 / TO-263 TO-252 / SOT-223
Limit
12 7 Internal limited 80 85 105 130 0 ~ +125 -65 ~ +150 10 5
Unit
V V
JA
o
C/W
o o
C C
S
Electrical Specification (Ta = 25oC, unless otherwise specified.)
Parameter
Reference Voltage
Conditions
VIN= 2.75, Io=1A VIN = 3.3V~7V, Io=1A VIN = 4V~7V, Io=1A
Min
1.225 1.470 1.764 2.450 3.235 4.900 -----1.1 --
Typ
1.25 1.5 1.8 2.5 3.3 5.0 0.015 0.05 1.3 8 90 -0.5
Max
1.275 1.530 1.836 2.550 3.366 5.100 0.2 1.0 1.5 10 ----
Unit
V V V V V V % % V mA uA A %
Output Voltage
VIN = 4.8V~7V, Io=1A VIN = 6.5V~7V, Io=1A Vo+1.5V VIN 7V, Io= 10mA VIN = VOUT +1.5V Io= 10mA ~ 1A Io=1A, VOUT = 1% VOUT VIN = 5V VIN - VOUT = 3V Io=10mA, F= 120Hz, Io= 1A, COUT = 25uF, VIN = Vout+3V
Line Regulation Load Regulation (Note 1,2) Dropout Voltage Quiescent Current Adjustable Pin Current Output Current Limit Temperature Stability
Ripple Rejection VIN= 2.75, Io=1A -60 70 dB Note 1: See thermal regulation specification for changes in output voltage due to heating effects. Line and load regulation are measured at a constant junction temperature by low duty cycle pulse testing. Load regulation is measured at the output lead = 1/18" from the package. Note 2: Line and load regulation are guaranteed up to the maximum power dissipation of 15W. Power dissipation is determined by the input / output voltage difference and the output current. Guaranteed maximum power dissipation will not be available over the full input / output voltage range. Note 3: Quiescent current is defined as the minimum output current required to maintain the regulation.
2/9
Version: A07
TS1117
1A Low Dropout Positive Voltage Regulator
Electrical Characteristics Curve
FIGURE 1 - Dropout Voltage vs. Output Current FIGURE 2 - Vout Change vs. Temperature
FIGURE 3 - Output Short Circuit Current vs. Differential Voltage
FIGURE 4 - Output Short Circuit Current vs. Temperature
FIGURE 5 - Adjust Pin Current vs. Temperature
FIGURE 6 - Iq Change vs. Temperature
3/9
Version: A07
TS1117
1A Low Dropout Positive Voltage Regulator
Application Information
Figure 6 - D PAK Thermal Resistance and Maximum Power Dissipation vs. P.C.B Copper Length
2
Figure 7 - DPAK Thermal Resistance and Maximum Power Dissipation vs. P.C.B Copper Length
Figure 8 - SOT-223 Thermal Resistance and Maximum Power Dissipation vs. P.C.B Copper Length
4/9
Version: A07
TS1117
1A Low Dropout Positive Voltage Regulator
TO-220 Mechanical Drawing
DIM A B C D E F G H I J K L M N O P
TO-220 DIMENSION MILLIMETERS INCHES MIN MAX MIN MAX 10.000 10.500 0.394 0.413
3.740 3.910 0.147 0.154
2.440 0.381 2.345 4.690 12.700 8.382 14.224 3.556 0.508 27.700 2.032 0.255 5.842
2.940 6.350 1.106 2.715 5.430 14.732 9.017 16.510 4.826 1.397 29.620 2.921 0.610 6.858
0.096 0.015 0.092 0.092 0.500 0.330 0.560 0.140 0.020 1.060 0.080 0.010 0.230
0.116 0.250 0.040 0.058 0.107 0.581 0.355 0.650 0.190 0.055 1.230 0.115 0.024 0.270
Marking Diagram
Y M = Year Code = Month Code (A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep, J=Oct, K=Nov, L=Dec) = Lot Code = Voltage Code (1.5=1.5V, 1.8=1.8V, 2.5=2.5V, 3.3=3.3V, 5.0=5V) = Package Code for Adjustable type (CZ = TO-220)
L XX
5/9
Version: A07
TS1117
1A Low Dropout Positive Voltage Regulator
TO-263 Mechanical Drawing
DIM A B C D E F G H I J
TO-263 DIMENSION MILLIMETERS INCHES MIN MAX MIN MAX 10.000 10.500 0.394 0.413 14.605 15.875 0.575 0.625 0.508 0.991 0.020 0.039 2.420 2.660 0.095 0.105 4.064 4.830 0.160 0.190 1.118 1.400 0.045 0.055 0.450 0.730 0.018 0.029 8.280 8.800 0.325 0.346 1.140 1.400 0.044 0.055 1.480 1.520 0.058 0.060
Marking Diagram
Y M = Year Code = Month Code (A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep, J=Oct, K=Nov, L=Dec) = Lot Code = Voltage Code (1.5=1.5V, 1.8=1.8V, 2.5=2.5V, 3.3=3.3V, 5.0=5V) = Package Code for Adjustable type (CM = TO-263)
L XX
6/9
Version: A07
TS1117
1A Low Dropout Positive Voltage Regulator
TO-252 Mechanical Drawing
TO-252 DIMENSION MILLIMETERS INCHES MIN MAX MIN MAX 2.3BSC 0.09BSC 4.6BSC 0.18BSC 6.80 7.20 0.268 0.283 5.40 5.60 0.213 0.220 6.40 6.65 0.252 0.262 2.20 2.40 0.087 0.094 0.00 0.20 0.000 0.008 5.20 5.40 0.205 0.213 0.75 0.85 0.030 0.033 0.55 0.65 0.022 0.026 0.35 0.65 0.014 0.026 0.90 1.50 0.035 0.059 2.20 2.80 0.087 0.110 0.50 1.10 0.020 0.043 0.90 1.50 0.035 0.059 1.30 1.70 0.051 0.67
DIM A A1 B C D E F G G1 G2 H I J K L M
Marking Diagram
Y M = Year Code = Month Code (A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep, J=Oct, K=Nov, L=Dec) = Lot Code = Voltage Code (1.5=1.5V, 1.8=1.8V, 2.5=2.5V, 3.3=3.3V, 5.0=5V) = Package Code for Adjustable type (CP = TO-252)
L XX
7/9
Version: A07
TS1117
1A Low Dropout Positive Voltage Regulator
SOT-223 Mechanical Drawing
DIM A B C D E F G H I J K
SOT-223 DIMENSION MILLIMETERS INCHES MIN MAX MIN MAX 6.350 6.850 0.250 0.270 2.900 3.100 0.114 0.122 3.450 3.750 0.136 0.148 0.595 0.635 0.023 0.025 4.550 4.650 0.179 0.183 2.250 2.350 0.088 0.093 0.835 1.035 0.032 0.041 6.700 7.300 0.263 0.287 0.250 0.355 0.010 0.014 10 16 10 16 1.550 1.800 0.061 0.071
Marking Diagram
Y M = Year Code = Month Code (A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep, J=Oct, K=Nov, L=Dec) = Lot Code = Voltage Code (1.5=1.5V, 1.8=1.8V, 2.5=2.5V, 3.3=3.3V, 5.0=5V) = Package Code for Adjustable type (CW = SOT-223)
L XX
8/9
Version: A07
TS1117
1A Low Dropout Positive Voltage Regulator
Notice
Specifications of the products displayed herein are subject to change without notice. TSC or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, to any intellectual property rights is granted by this document. Except as provided in TSC's terms and conditions of sale for such products, TSC assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of TSC products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify TSC for any damages resulting from such improper use or sale.
9/9
Version: A07


▲Up To Search▲   

 
Price & Availability of TS111707

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X